PART |
Description |
Maker |
IRFBC20L IRFBC20S |
Power MOSFET(Vdss=600V/ Rds(on)=4.4ohm/ Id=2.2A) Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.2A) 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package 600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRFP22N60KPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRFBC40A IRFBC40APBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRFPS29N60L |
600V Single N-Channel HEXFET Power MOSFET in a Super 247 (TO-274AA) package
|
International Rectifier
|
IRFIB6N60A IRFIB6N60APBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)max=0.75ohm, Id=5.5A) HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=0.75ohm/ Id=5.5A)
|
IRF[International Rectifier]
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRFIBC30G IRFIBC30 |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=2.2ohm, Id=2.5A) Power MOSFET(Vdss=600V/ Rds(on)=2.2ohm/ Id=2.5A)
|
IRF[International Rectifier]
|
AM29F017B-90E4I AM29F017B-75FC AM29F017B-75EI AM29 |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; A IRFIZ24N with Standard Packaging 250V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR12N25D with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ44NS with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7832 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3709ZS with Lead Free Packaging
|
YEONHO Electronics Co., Ltd.
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|